Part Number Hot Search : 
Y2102 KF402B IRFS650A MAX90 TLUR4401 MAX5933F 08400 2N7632UC
Product Description
Full Text Search
 

To Download KW4-282 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KW4-282 SERIES
LED Numeric Display Four Digit (0.28")
DESCRIPTION:
The KW4-282 series is 0.28 inch (7.00mm) height four digit display. All devices are available as either common anode or common cathode.
PACKAGE DIMENSIONS
10.0
O
4.50
0.80 7.0(0.28") 10.00
+ PIN 1 8.00*3=24.00 32.10 5.80
ABSOLUTE MAXIMUM RATINGS: (Ta=25 C)
Parameter Max Reverse Voltage per segment 5V Reverse Current per segment (Vr = 5V) 100A Derating Linear from 25oC per segment 0.4mA/ oC Operating Temperature Range -40oC To 85oC Storage Temperature Range -40oC To 100oC Soldering Temperature 1.6mm(1/16") from body for 5 sec. at 260oC
NOTES : 1. All dimensions are in millimeters (inches). 2. Tolerance is +0.25mm(0.010) unless otherwise specified. 3. Specifications are subject to change without notice. 4. NP: No Pin. 5. NC: No Connect.
DIG.1
o
0.45 7.62 2.54*5=12.70 DIG.2 DIG.3 F E D DIG.4 A G B C DP
INTERNAL CIRCUIT DIAGRAM
12 DIG.1 9 DIG.2 8 DIG.3 6 DIG.4
A B C D E F G DP A B C D E F G DP
A B C D E F G DP A B C D E F G DP
11 7 4 2
1 10 5 3
TESTING CONDITION FOR EACH PARAMETER :
Parameter Forward Voltage Peak Emission Wave Length Spectral Line Half-Width Reverse Current Average Luminous Intensity Symbol Vf Ir Iv Unit V nm nm A cd Test Condition If=20mA If=20mA If=20mA Vr=5V If=10mA
12 DIG.1
9 DIG.2
8 DIG.3
6 DIG.4
A B C D E F G DP A B C D E F G DP
A B C D E F G DP A B C D E F G DP
11 7 4 2
1 10 5 3
PART NO. SELECTION AND APPLICATION INFORMATION (RATINGS AT 25 C AMBIENT)
Chip Part No. Raw Material GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP GaAsP/GaP GaAlAs GaP GaP GaAsP/GaP Emitted Color Hi-Eff. Red Super Red Common Green Anode Super Green Yellow Hi-Eff Red Super Red Green Super Green Yellow Common Cathode 570 585 635 660 565 570 585 30 30 45 20 30 30 30 100 100 100 100 100 100 100 50 50 50 50 50 50 50 100 100 100 100 100 100 100 1.7 1.7 1.7 1.5 1.7 1.7 1.7 2.2 1.9 1.9 1.9 2.2 2.2 1.9 2.6 10-20 850 2.6 10-20 600 2.6 10-20 700 1900 1500 1800 565 30 100 50 100 1.7 2.2 2.6 10-20 700 1600 C.C or C.A Wave Length (nm) 635 660 Absolute Maximum Ratings Pd If Electro-optical Data(at 10mA)
o
If If Vf (V) Iv (cd) (Peak) Per Segment (Rec) Per Segment (nm) (mW) (mA) (mA) Min. Typ. Max. mA Min. Typ. 45 20 100 100 50 50 100 100 1.7 1.5 1.9 1.9 2.6 10-20 700 1800
KW4-282A3 KW4-282AS KW4-282A2 KW4-282AG KW4-282A6 KW4-282C3 KW4-282CS KW4-282C2 KW4-282CG KW4-282C6
2.6 10-20 1500 5000
2.6 10-20 1500 5000 2.6 10-20 700 2.6 10-20 850 2.6 10-20 600 1600 1900 1500
REMARKS : 1. The average luminous intensity is obtained by summing the luminous intensity of each segment and dividing by the total number of segments. 2. Luminous intensity is measured with a light sensor and filter combination that approximates the CIE (International Commission on Illumination) eye-response curve. 3. Clean only by pure water, isopropanol, ethanol, Freon TF (or equivalent).


▲Up To Search▲   

 
Price & Availability of KW4-282

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X